Part Number Hot Search : 
AQW212 10017 DL2SNA 10N80 TM32F TC74HCT KST5550 100250
Product Description
Full Text Search
 

To Download 2N2151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/277 Devices 2N2150 2N2151 Qualified Level JANTX
MAXIMUM RATINGS (TC = 250C unless otherwise noted) Ratings Symbol Value
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation @ Tc = +1000C(1) Operating & Storage Junction Temperature Range VCEO VCBO VEBO IB IC PT TJ, Tstg Symbol RJC 100 150 8.0 2.0 2.0 30 -65 to +200 Max. 3.3
Units
Vdc Vdc Vdc Adc Adc W
0
C
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case 1) Derate linearly @ 0.3 W/0C for TC > +1000C
0
Unit C/W
TO-111*
*See Appendix A for Package Outline
ELECTRICAL CHARACTERISTICS (TC = +250C)
Characteristics Symbol V(BR)CEO VCBO ICEO ICBO ICEX IEBO ICES Min. 100 150 10 5.0 5.0 2.0 5.0 Max. Unit Vdc Vdc Adc Adc Adc Adc Adc
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 50 mAdc Collector-Emitter Breakdown Voltage IC = 100 Adc Collector-Emitter Cutoff Current VCE = 80 Vdc Collector-Base Cutoff Current VCB = 120 Vdc Collector-Emitter Cutoff Current VCE = 120 Vdc, VBE = -1.0 Vdc Emitter-Base Cutoff Current VEB = 8.0 Vdc Collector-Emitter Cutoff Current VCE = 120 Vdc, VBE = 0 Vdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N2150, 2N2151 JANTX SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS
Forward-Current Transfer Ratio IC = 1.0 Adc, VCE = 5.0 Vdc IC = 0.5 Adc, VCE = 5.0 Vdc IC = 0.1 Adc, VCE = 5.0 Vdc IC = 1.0 Adc, VCE = 5.0 Vdc IC = 0.5 Adc, VCE = 5.0 Vdc IC = 0.1 Adc, VCE = 5.0 Vdc Base-Emitter Voltage Non -Saturated VCE = 5.0 Vdc, IC =1.0 Adc Collector-Emitter Saturation Voltage IC = 1.0 Adc, IB = 0.1 Adc Base-Emitter Saturation Voltage IC = 1.0 Adc, IB = 0.1 Adc
2N2150 hFE 2N2151
20 20 20 40 40 40
60 60
120 120
VBE VCE(sat) VBE(sat)
1.2 1.0 1.2
Vdc Vdc Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 0.1 mAdc, VCE = 30 Vdc, f = 10 MHz Output Capacitance VCB = 20 Vdc, IE = 0, 100 kHz f 1.0 MHz hfe Cobo 1.0 7.0 pF
160
SAFE OPERATING AREA
Test 1 VCE = 15 Vdc, IC = 2.0 Adc Test 2 VCE = 57 Vdc, IC = 200 mAdc Test 3 VCE = 100 Vdc, IC = 25 mAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N2151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X